Part Number Hot Search : 
ADC100 83905 W47K25V5 L6372 B270011 TVS324SM 0000MH GFC914
Product Description
Full Text Search
 

To Download SRF10150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) ito-220ab features  for surface mounted application  low power loss, high efficiency  high current capability, low vf  high reliability  epitaxial construction  guard-ring for transient protection mechanical data  cases: ito-220ab molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds .25?,(6.35mm) from case.  weight: 2.24 grams  mounting torque: 5 in ? 1bs. max. maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol srf 1020 srf 1030 srf 1040 srf 1050 srf 1060 srf 1090 srf 10100 srf 10150 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 100 100 150 v maximum rms voltage v rms 14 21 28 35 42 70 70 105 v maximum dc blocking voltage v dc 20 30 40 50 60 100 100 150 v maximum average forward rectified current see fig. 1 i (av) 10 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 120 a m aximum i nstantaneous f orward v oltage @ 5.0a v f 0.55 0.70 0.90 1.00 v 0.5 0.1 maximum d.c. reverse current @ tc=25 o c at rated dc blocking voltage @ tc=100 o c i r 15 10 5.0 ma ma typical junction capacitance (note 2) cj 300 pf typical thermal resistance (note 1) r jc 3.5 4.0 o c/w operating junction temperature range t j -65 to +125 -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. mounted on heatsink size of 2? x 3? x 0.25? al-plate. 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. srf1020-SRF10150 isolated 10.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (srf1020 thru SRF10150) fig.2- maximum non-repetitive forward surge current per leg peak forward surge current. (a) 1 2 5 10 20 100 50 50 150 100 200 250 300 number of cycles at 60hz fig.5- typical junction capacitance per leg junction capacitance.(pf) .1 .4 1.0 4 10 40 80 100 100 200 400 600 1000 800 2000 4000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 fig.3- typical forward characteristics per leg if-instantaneous forward current. (a) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.5 1 10 50 forward voltage. (v) fig.4- typical reverse characteristics per leg 0 20 40 60 80 100 120 140 instantaneous reverse current. (ma) .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 fig.1- forward current derating curve average forward current. (a) 0 50 100 150 0 2.5 5 7.5 10 12.5 case temperature. ( c) o srf1020-1040 srf1050-10150 0 version: b07 fig.6- typical transient thermal impedance per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10 1 100 t, pulse duration. (sec) 0 3 5 srf1050-1060 srf1090-10100 srf1020-1040 SRF10150 srf1020-SRF10150 isolated 10.0amp. schottky barrier rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SRF10150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X